PART |
Description |
Maker |
AD7453ART-REEL7 AD7453BRT-REEL7 EVAL-AD7453CB AD74 |
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23 Pseudo Differential, 555 kSPS, 12-Bit A/D Converter in 8-Lead SOT-23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7453BRT-REEL7 AD7453ART-REEL7 |
Pseudo Differential 555 kSPS 12-Bit A/D Converter in 8-Lead SOT-23
|
Analog Devices
|
AD7453ART-REEL7 AD7453BRT-R2 EVAL-CONTROLBRD23 AD7 |
Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
|
AD[Analog Devices]
|
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
ZX95-590 ZX95-590-S |
VCO, 555 MHz - 590 MHz ROHS COMPLIANT, CASE GB956
|
Mini-Circuits
|
APTB1615SRPGWPR |
1.6 x 1.5 mm bi-color SMD chip LED lamp. Super bright red (peak wavelength 660 nm), pure green (peak wavelength 555 nm). Lens type white diffused.
|
Kingbright Electronic
|
T82F096562DN T82F056562DN F036542DN F0365B2DN |
1000 A, 900 V, SCR 1000 A, 500 V, SCR 1000 A, 300 V, SCR
|
POWEREX INC
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
SK012DRP56 SK012DTP SK012RTP56 |
12 A, 1000 V, SCR, TO-252AA 12 A, 1000 V, SCR, TO-220AB
|
|
DT105N10LOF-A DT105N16KOF-K DT105N16LOF-A DT105N12 |
160 A, 1000 V, SCR MODULE-5 160 A, 1600 V, SCR MODULE-5 160 A, 1200 V, SCR MODULE-5 160 A, 1400 V, SCR MODULE-5 120 A, 800 V, SCR MODULE-5 75 A, 800 V, SCR 100 A, 1600 V, SCR 160 A, 800 V, SCR 160 A, 600 V, SCR
|
Unisonic Technologies Co., Ltd.
|
CS218I-30PBLEADFREE CS218I-30BLEADFREE CS218I-30DL |
30 A, 1200 V, SCR, TO-218 30 A, 200 V, SCR, TO-218 30 A, 400 V, SCR, TO-218 30 A, 600 V, SCR, TO-218 30 A, 1000 V, SCR, TO-218 35 A, 1200 V, SCR, TO-218 35 A, 1200 V, SCR, TO-48
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
2N1771ALEADFREE CS220-12PLEADFREE CS220-10DLEADFRE |
8 A, SCR, TO-64 12 A, 1000 V, SCR, TO-220AB 10 A, 400 V, SCR, TO-220AB
|
CENTRAL SEMICONDUCTOR CORP
|
|